PART |
Description |
Maker |
CLM-E22 |
Clip material : Corrosion resisting steel X 12 CrNi 17 7
|
Ferroxcube International Holding B.V.
|
194L-HE6G-175 800E-N130 800E-N141 800E-N157 194L-H |
6A Power MOSFET Drvr, 0C to 70C, 8-PDIP, TUBE 6A Power MOSFET Drvr, -40C to 85C, 8-PDIP, TUBE 1.5A Floating Load Drvr, 0C to 70C, 8-PDIP, TUBE SHAFT 230-350MM SHAFT 24MM X 2 SHAFT 110-235 DISCONNECT HANDLE HANDLE 80MM GREY/BLACK 拉手80毫米灰色/黑色 HANDLE 60MM GREY/BLACK 拉手60毫米灰色/黑色
|
Pericom Semiconductor, Corp. NXP Semiconductors N.V.
|
BD616LV4017AC-55 BD616LV4017AC-70 BD616LV4017ACG55 |
Very Low Power/Voltage CMOS SRAM 256K X 16 bit D-Subminiature Connector; Gender:Male; No. of Contacts:15; Contact Termination:IDC; D Sub Shell Size:DB15; Body Material:Steel; Contact Plating:Gold Over Nickel RoHS Compliant: Yes 非常低功电压CMOS SRAM56 × 16 CONNECTOR ELECTRICAL 非常低功电压CMOS SRAM56 × 16 Very Low Power/Voltage CMOS SRAM 256K X 16 bit 非常低功电压CMOS SRAM56 × 16 D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:IDC; D Sub Shell Size:DB25; Body Material:Steel; Contact Plating:Gold Over Nickel RoHS Compliant: Yes D-Subminiature Connector; Gender:Male; No. of Contacts:9; Contact Termination:IDC; D Sub Shell Size:DB9; Body Material:Steel; Contact Plating:Gold Over Nickel RoHS Compliant: Yes Asynchronous 4M(256Kx16) bits Static RAM
|
Electronic Theatre Controls, Inc. ETC BSI Brilliance Semiconductor Brilliance Semiconducto...
|
7201J1ZQE 7203J1ZQE2 7201J1ZQE2 7201J1A3QE2 598001 |
7000 Series Miniature Rocker Lever Handle Switches Miniature Rocker & Lever Handle Switches Miniature Rocker & Lever Handle Switches
|
C&K Components
|
R125055000 |
RF/Coaxial Connector; RF Coax Type:QMA; Contact Termination:Solder; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:402, 0.141" Semi-Rigid; Body Material:Stainless Steel; Frequency:18GHz; Leaded Process Compatible:Yes
|
RADIALL S A
|
JANTX1N5614 JANTX1N5616 1N5620 JAN1N5620 JANTX1N56 |
Standard Rectifier (trr more than 500ns) From old datasheet system MILITARY RECTIFIERS 1 A, SILICON, SIGNAL DIODE D-Subminiature Connector; Gender:Pin; No. of Contacts:15; Contact Termination:Solder; D Sub Shell Size:DB15; Body Material:Steel; Current Rating:7.5A; Leaded Process Compatible:Yes RoHS Compliant: Yes 1 A, SILICON, SIGNAL DIODE
|
MICROSEMI[Microsemi Corporation] http:// Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
BL-XA1361-F9 BL-XF0361-F9 BL-XJB361-F9 BL-XJD361-F |
AXIAL LED LAMPS WITH Z BENT LEAD 轴向LED节能灯与Z弯曲 CAP,Polypropylene,5uF,10-% Tol,10 % Tol D-Subminiature Connector; Gender:Female; No. of Contacts:9; Contact Termination:Through Hole; D Sub Shell Size:DB9; Body Material:Steel; Contact Plating:Gold Flash; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Yellow Stone, Corp. 早安股份有限公司 Yellow Stone Corp
|
33401 33471 33480 33407 33406 33405 33404 33402 33 |
Wiha T-handle Hex Tools
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|